Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4030AI-4.1 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4030AI-4.1
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4030AI-4.1 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4030AI-4.1 Datasheet HTML 9Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 10Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 11Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 12Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 13Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 14Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 15Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 16Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Typical Performance Characteristics The following curves apply for 12-bit + sign mode after
auto-calibration unless otherwise specified. The performance for 8-bit + sign mode is equal to or better than shown. (Note 9)
Linearity Error Change
vs Clock Frequency
Linearity Error Change
vs Temperature
Linearity Error Change
vs Reference Voltage
01135453
01135454
01135455
Linearity Error Change
vs Supply Voltage
Full-Scale Error Change
vs Clock Frequency
Full-Scale Error Change
vs Temperature
01135456
01135457
01135458
Full-Scale Error Change
vs Reference Voltage
Full-Scale Error Change
vs Supply Voltage
Zero Error Change
vs Clock Frequency
01135459
01135460
01135461
Zero Error Change
vs Temperature
Zero Error Change
vs Reference Voltage
Zero Error Change
vs Supply Voltage
01135462
01135463
01135464
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com