Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV19
Description  Silicon-Planar-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV19 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV19 Datasheet HTML 1Page - Diotec Semiconductor BAV19 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at T
A = 25/C at a distance of 5 mm from case
Gültig, wenn die Anschlußdrähte in 5 mm Abstand von Gehäuse auf T
A = 25/C gehalten werden
36
01.10.2002
BAV 18 … BAV 21
Silicon-Planar-Diodes
Silizium-Planar-Dioden
Nominal current
250 mA
Nennstrom
Repetitive peak reverse voltage
50…200 V
Periodische Spitzensperrspannung
Glass case
DO-35
Glasgehäuse
SOD-27
Weight approx.
0.13 g
Gewicht ca.
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Marking:
One black ring denotes “cathode” and “ultrafast switching device”
The type numbers are noted only on the lable on the reel
Kennzeichnung: Ein schwarzer Ring kennzeichnet “Kathode” und “ultraschneller
Gleichrichter”
Die Typenbezeichnungen sind nur auf dem Rollenaufkleber vermerkt
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
BAV 18
50
60
BAV 19
100
120
BAV 20
150
200
BAV 21
200
250
Max. average forward rectified current, R-load
T
A = 25/CIFAV
250 mA 1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
650 mA 1)
Periodischer Spitzenstrom
Max. power dissipation – Verlustleistung
T
A = 25/CPtot
500 mW 1)
Peak forward surge current – Stoßstrom, t
# 1 s
T
j = 25/CIFSM
1 A
Peak forward surge current – Stoßstrom, t = 1 :s
T
j = 25/CIFSM
5 A


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
61Kb / 4P
Small Signal Diode
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5225 SURGE-1N5225 Datasheet
88Kb / 2P
SILICON PLANAR ZENER DIODES?
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
BA982 VISHAY-BA982 Datasheet
48Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAQ133 VISHAY-BAQ133 Datasheet
51Kb / 3P
Silicon Planar Diodes
31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
Silicon Planar Diodes
09-Dec-05
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
Silicon Planar Diodes
01-Aug-12
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148 Datasheet
171Kb / 2P
Silicon Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com