Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V1 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 5V1
Description  Dual Surface Mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5V1 Datasheet(HTML) 2 Page - Diotec Semiconductor

  5V1 Datasheet HTML 1Page - Diotec Semiconductor 5V1 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 5 ms – Gemessen mit Impulsen tp = 5 ms
2) Per diode - mounted on P.C. board with 25 mm2 copper pads at each terminal
Pro Diode - bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2
2BZX84 C3V0A ... 2BZX84 C47A
Maximum ratings
Grenzwerte
Type
Marking
Typ
Stempel
2BZX84 ...
Zener voltage 1)
Zener-Spanng. 1)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [
S] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4 /
/C]
Reverse current
Sperrstrom
I
R [nA]
V
R [V]
Z-current 2)
Z-Strom 2)
T
A = 25
/C
I
Zmax [mA]
... C3V0A
WW5
2.8
3.2
< 100
< 600
-8...-5
4000
1
109
... C3V3A
WW6
3.1
3.5
< 95
< 600
-8...-5
2000
1
100
... C3V6A
WW7
3.4
3.8
< 95
< 600
-8...-5
2000
1
92
... C3V9A
WW8
3.7
4.1
< 90
< 600
-8…-5
2000
1
85
... C4V3A
WW9
4.0
4.6
< 90
< 600
-6…-3
1000
1
76
... C4V7A
ZZ1
4.4
5.0
< 80
< 500
-5…+2
3000
2
70
... C5V1A
ZZ2
4.8
5.4
< 60
< 480
-2…+2
2000
2
65
... C5V6A
ZZ3
5.2
6.0
< 40
< 400
-5…+5
1000
2
58
... C6V2A
ZZ4
5.8
6.6
< 10
< 150
+3…+6
3000
4
53
... C6V8A
ZZ5
6.4
7.2
< 10
< 80
+3…+7
2000
4
49
... C7V5A
ZZ6
7.0
7.9
< 10
< 80
+3…+7
1000
5
44
... C8V2A
ZZ7
7.7
8.7
< 10
< 80
+3…+8
700
5
40
... C9V1A
ZZ8
8.5
9.6
< 15
< 100
+3…+9
500
6
36
... C10A
ZZ9
9.4
10.6
< 20
< 150
+3…+10
200
7
33
... C11A
YY1
10.4
11.6
< 20
< 150
+3…+11
100
8
30
... C12A
YY2
11.4
12.7
< 25
< 150
+3…+11
100
8
28
... C13A
YY3
12.4
14.1
< 30
< 170
+3…+11
100
8
25
... C15A
YY4
13.8
15.6
< 30
< 200
+3…+11
50
10
22
... C16A
YY5
15.3
17.1
< 40
< 200
+3…+11
50
11
20
... C18A
YY6
16.8
19.1
< 50
< 225
+3…+11
50
13
18
... C20A
YY7
18.8
21.2
< 50
< 225
+3…+11
50
14
17
... C22A
YY8
20.8
23.3
< 55
< 250
+4…+12
50
15
15
... C24A
YY9
22.8
25.6
< 80
< 250
+4…+12
50
17
14
I
Z = 2 mA
I
Z = 0.5 mA
... C27A
W10
25.1
28.9
< 80
< 300
+4…+12
50
19
12
... C30A
W11
28
32
< 80
< 300
+4…+12
50
21
11
... C33A
W12
31
35
< 80
< 325
+4…+12
50
23
10
... C36A
W13
34
38
< 90
< 350
+4…+12
50
25
9
... C39A
W14
37
41
< 90
< 350
+4…+12
50
27
9
... C43A
W15
40
46
< 100
< 375
+4…+12
50
30
8
... C47A
W16
44
50
<100
< 375
+4…+12
50
33
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com