Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV20WS
Description  Surface mount Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV20WS Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV20WS Datasheet HTML 1Page - Diotec Semiconductor BAV20WS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300 µs, duty cycle 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis 2%
1
Type
Code
1.7
2.5
±0.2
BAV19WS ... BAV21WS
Small Signal Si-Diodes
Surface mount Small Signal Diodes
Kleinsignal-Dioden für die Oberflächenmontage
Version 2004-04-09
Power dissipation – Verlustleistung
200 mW
Repetitive peak reverse voltage
120...250 V
Periodische Spitzensperrspannung
Plastic case
SOD-323
Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.005 g
Dimensions / Maße in mm
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
BAV19WS, BAV20WS, BAV21WS
Power dissipation – Verlustleistung
P
tot
200 mW
1)
Max. average forward current (dc)
Dauergrenzstrom
I
FAV
200 mA
1)
Repetitive peak forward current
Periodischer Spitzenstrom
I
FRM
625 mA
1)
Peak forward surge current
Stoßstrom-Grenzwert
t
p 1 s
t
p 1 µs
I
FSM
I
FSM
1 A
2.5 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
BAV19WS
BAV20WS
BAV21WS
V
RRM
V
RRM
V
RRM
120 V
200 V
250 V
Junction temperature – Sperrschichttemperatur
T
j
150°C
Storage temperature – Lagerungstemperatur
T
S
- 55…+ 150°C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Forward voltage
2)
Durchlaßspannung
I
F = 100 mA
I
F = 200 mA
V
F
V
F
< 1 V
< 1.25 V
Leakage current
2)
Sperrstrom
T
j = 25°C
BAV19WS
BAV20WS
BAV21WS
V
R = 100 V
V
R = 150 V
V
R = 200 V
I
R
< 100 nA
T
j = 150°C
BAV19WS
BAV20WS
BAV21WS
V
R = 100 V
V
R = 150 V
V
R = 200 V
I
R
< 15 µA


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Rectron Semiconductor
BAV20WS RECTRON-BAV20WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
MCL101B DIOTEC-MCL101B Datasheet
88Kb / 1P
Surface Mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com