Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1351331 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1351331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1351331 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1351331 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.47
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
18 AWG Pairs Stranded (7x26) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1032A
1
E1
1000
304.8
38.0
17.2
.037
.94
.233
5.92
67
298
2.50
63.50
10000 †
3048.0
380.0
172.5
3025A
2
E1
10000 †
3048.0
760.0
344.7
.042
1.07
.375
9.53
121
538
3.50
88.90
1529A
3
E1
7500 †
2286.0
735.0
333.4
.053
1.35
.415
10.54
165
734
4.25
107.95
1466A
4
E1
7500 †
2286.0
892.5
404.8
.053
1.35
.452
11.48
211
939
4.50
114.30
1467A
8
E1
7500 †
2286.0
1477.5
670.8
.053
1.35
.523
13.28
390
1735
5.50
139.70
1468A
12
E1
5000 †
1524.0
1375.0
624.3
.064
1.63
.673
17.09
560
2491
6.75
171.45
3034A
16
E1
Bulk ††
Bulk
—
—
.066
1.68
.713
18.11
640
2847
7.25
184.15
1471A
24
E1
2500 †
762.0
1292.5
586.3
.074
1.88
.932
23.67
1105
4916
9.25
234.95
1472A
36
E1
1250 †
381.0
910.0
413.1
.074
1.88
1.062
26.97
1644
7313
10.50
266.70
3041A
50
E1
Bulk ††
Bulk
—
—
.074
1.88
1.240
31.50
2240
10049
12.75
323.85
Individually Shielded + Overall Beldfoil (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
1474A
2
E1
7500 †
2286.0
720.0
326.9
.053
1.35
.408
10.16
149
663
4.00
101.60
1475A
4
E1
7500 †
2286.0
1065.0
483.1
.053
1.35
.468
11.89
267
1188
4.75
120.65
1476A
8
E1
5000 †
1524.0
1185.0
538.0
.053
1.35
.594
15.10
501
2229
6.00
152.40
1477A
12
E1
5000 †
1524.0
1740.0
789.3
.064
1.63
.737
18.72
779
3465
7.25
184.15
3035A
16
E1
Bulk ††
Bulk
—
—
.064
1.63
.836
21.20
725
3225
8.50
215.90
1480A
24
E1
2500 †
762.0
1712.5
777.5
.074
1.88
1.019
25.88
1443
6419
10.25
260.35
5000 †
1524.0
3390.0
1539.1
1481A
36
E1
Bulk ††
Bulk
—
—
.074
1.88
1.163
29.54
2148
9556
11.75
298.45
3042A
50
E1
Bulk ††
Bulk
—
—
.084
2.13
1.389
35.28
2935
13057
14.00
355.60
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wires
Drain Wire
Communication Wire
Communication Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com