Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC338 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC338
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC338 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC338 Datasheet HTML 1Page - Diotec Semiconductor BC338 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig, wenn die Anschlußdrähte in 2 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
5
01.11.2003
General Purpose Transistors
BC 337 / BC 338
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector-Emitter breakdown voltage
Collector-Emitter Durchbruchspannung
I
C = 10 mA
BC 337
V
(BR)CES
40 V
–
–
BC 338
V
(BR)CES
20 V
–
–
I
C = 0.1 mA
BC 337
V
(BR)CES
50 V
–
–
BC 338
V
(BR)CES
30 V
–
–
Emitter-Base breakdown voltage
Emitter-Basis-Durchbruchspannung
I
E = 10
:AV
(BR)EB0
5 V
–
–
Collector saturation volt. – Kollektor-Sättigungsspannung
I
C = 500 mA, IB = 50 mA
V
CEsat
–
–
0.7 V
Base-Emitter voltage – Basis-Emitter-Spannung
V
CE = 1 V, IC = 300 mA
V
BE
–
–
1.2 V
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 10 mA, f = 50 MHz
f
T
–
100 MHz
–
Collector-Base Cap. – Kollektor-Basis-Kap.
V
CB = 10 V, f = 1 MHz
C
CB0
–
12 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
200 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC 327 / BC 328
Available current gain groups per type
Lieferbare Stromverstärkungsgruppen pro Typ
BC 337-16
BC 338-16
BC 337-25
BC 338-25
BC337-40
BC338-40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com