Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9331 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.53
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
Thermocouple Extension Cables and Thermocouple Wire — Overview
Construction Thermocouple
Extension Cable
Conductor material determined by the
thermocouple extension wire type. FEP
or PVC insulated with FEP or PVC jacket.
Nylon rip cord included in all PVC-jacketed
thermocouple extension cables. Communi-
cation wire included on all multi-pair,
PVC constructions — 22 AWG (7x30) bare
copper orange PVC insulation.
NOTE: The temperature ranges in Table A
are applicable only to the thermocouple
conductors and not to the cable. The cable
must never be exposed to temperatures
higher than the maximum temperature
ratings shown in Table B.
Table B:
Other Insulation/Jacket Options
Application
Unshielded
Parallel non-shielded extension wire may
be utilized in low noise environments
when recommended by the instrument
manufacturer.
Overall Shield
Recommended, except in areas where high
voltage and current sources create excessive
noise interference. The Beldfoil® shield with
drain wire provides 100% coverage for
maximum shield effectiveness.
Individually Shielded
Individually shielded pairs are recommended
for use in applications where optimum noise
rejection is required.
PVC Insulated, PVC Jacketed
Cable Specifications
● UL Subject 13
● UL 1685 (UL 1581) Vertical Tray Flame
Test comparable to IEEE 383-1974
(70,000 BTU) Flame Test
● ANSI/MC 96.1–1982
● NEC CMG
● NEC Type PLTC Listed, which is
approved for cable tray use in Class 1,
Division 2, hazardous areas and
non-hazardous areas, cable trays,
raceways, conduit and supported
by messenger wires.
● NEC Type ITC Listed, which is approved
for cable tray use, raceways hazardous
locations according to Articles 501, 502,
503 and 504; or as aerial on a cable
messenger, and under raised floors in
control rooms and rack rooms where
arranged to prevent damage to the cable.
Usages are allowed based on qualified
persons servicing all installations.
● PVC/PVC constructions are CMG, FT4,
IEEE 1202 and IEEE 383-2003 rated,
and meet ICEA T-29-520 Flame Test.
● UL 1277 TC versions approved for use
in Class 1 trays available as special.
Shielded Twisted Pair
(FEP insulated, FEP jacketed
cable specifications)
● UL Subject 13
● NFPA 262 (UL 910 Steiner Tunnel Flame
Test) comparable to FT6 Flame Test
● ANSI/MC 96.1–1982
● NEC Type CL3P/PLTC Listed, which is
approved for use in ducts, plenums and
other space used for environmental air.
● UL 1277 TC versions approved for use
in Class 1 trays available as special.
Thermocouple Wire
Conductor material determined by the
thermocouple type. FEP insulated and
jacketed flat constructions.
FEP thermocouple wire is impervious to
chemical attack and is flame retardant.
Jacket
Color
Limits of Error
Standard (°C)
Temperature
Range (°C)
(conductor only)
Positive ( + )
Negative ( - )
Conductor Identification
ANSI
Symbol
UL Listed for PLTC
Insulation/Jacket
Max. Temp Rating
XLPE/PVC
90°C
XLPE/CPE
90°C
PVC/PVC
105°C
PVC/CPE
105°C
PE/PVC
75°C
FPE/PVC
75°C
TPE/TPE
105°C
XLPE/Haloarrest®
90°C
FEP/FEP
200°C
E
0 to 340
±1.7°C
Brown
Purple
Red
Chromel
®
Constantan
340 to 540
±.50%
Non-magnetic
Silver Color
J
0 to 293
±2.2°C
Brown
White
Red
Iron
Constantan
293 to 480
±.75%
Magnetic
Non-magnetic
K
0 to 293
±2.2°C
Brown
Yellow
Red
Chromel
Alumel®
293 to 980
±.75%
Non-magnetic
Magnetic
T
0 to 133
±1.0°C
Brown
Blue
Red
Copper
Constantan
133 to 260
±.75%
Copper Color
Non-magnetic
EX
0 to 200
±1.7°C
Purple
Purple
Red
Chromel
Constantan
JX
0 to 200
±2.2°C
Black
White
Red
Iron
Constantan
KX
0 to 200
±2.2°C
Yellow
Yellow
Red
Chromel
Alumel
TX
0 to 100
±1.0°C
Blue
Blue
Red
Copper
Constantan
Limits of error per ANSI MC96.1-1982. Limits shown do not include system or installation error. Percentages refer to the temperature being measured.
*The Temperature Range and Limits of Error are for standard grade thermocouples, Reference ANSI MC96.1-1982 for special grade thermocouples.
The Temperature Ranges for type E, J, K and T thermocouple wires listed above pertain to 20 AWG wire.
Additional constructions available upon request.
Table A: Thermocouple Identification and Limits of Error — Reference Junction 0°C*
Positive ( + )
Negative ( - )
Insulation Color Code
Standard lengths may be subject to tolerance. Custom lengths may be available upon
request. Contact the Belden Electronics Division Customer Service Department for
additional information. 1-800-BELDEN-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com