Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023BC
Description  Buffered Triple 3-Input NAND,NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4023BC Datasheet HTML 1Page - National Semiconductor (TI) CD4023BC Datasheet HTML 2Page - National Semiconductor (TI) CD4023BC Datasheet HTML 3Page - National Semiconductor (TI) CD4023BC Datasheet HTML 4Page - National Semiconductor (TI) CD4023BC Datasheet HTML 5Page - National Semiconductor (TI) CD4023BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4023BC CD4025BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Typ
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V
10
0004
10
75
m
A
VDD e 10V
20
0005
20
15
m
A
VDD e 15V
40
0006
40
30
m
A
VOL
Low Level Output Voltage VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDDe5V VOe45V
15
2
15
15
V
VDDe10V VOe90V
lIOlk1mA
30
4
30
30
V
VDDe15V VOe135V
(
40
6
40
40
V
VIH
High Level Input Voltage
VDDe5V VOe05V
35
35
3
35
V
VDDe10V VOe10V
lIOlk1mA 70
70
6
70
V
VDDe15V VOe15V
(
110
110
9
110
V
IOL
Low Level Output Current VDDe5V VO e 04V
052
044
088
036
mA
(Note 3)
VDD e 10V VO e 05V
13
11
22
090
mA
VDD e 15V VO e 15V
36
30
8
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
052
b
044 b088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
22
b
090
mA
VDD e 15V VO e 135V
b
36
b
30
b
8
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5 b03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Schematic Diagram
CD4025BMCD4025BC
TLF5956 – 4
Device Shown
All Inputs Protected
by Standard CMOS Input
Protection Circuit
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com