Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC807
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC807 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC807 Datasheet HTML 1Page - Diotec Semiconductor BC807 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
3
01.11.2003
General Purpose Transistors
BC 807 / BC 808
Characteristics, T
j = 25
/C
Kennwerte, T
j = 25
/C
Min.
Typ.
Max.
Collector saturation voltage – Kollektor-Sättigungsspg.
- I
C = 500 mA, - IB = 50 mA
- V
CEsat
–
–
0.7 V
Base saturation voltage – Basis-Sättigungsspannung
- I
C = 500 mA, - IB = 50 mA
- V
BEsat
–
–
1.3 V
Base-Emitter voltage – Basis-Emitter-Spannung
- V
CE = 1 V, - IC = 500 mA
- V
BE
–
–
1.2 V
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, - VCB = 20 V
- I
CB0
–
–
100 nA
I
E = 0, - VCB = 20 V, Tj = 150
/C- I
CB0
––
5
:A
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, - VEB = 4 V
- I
EB0
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 10 mA, f = 50 MHz
f
T
80 MHz
100 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
12 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
320 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC 817 / BC 818
Marking of available current gain
groups per type
Stempelung der lieferbaren Strom-
verstärkungsgruppen pro Typ
BC 807-16 = 5A BC 807-25 = 5B BC 807-40 = 5C
BC 807 = 5D
BC 808-16 = 5E BC 808-25 = 5F
BC 808-40 = 5G
BC 808 = 5H



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com