Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCF30 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCF30
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCF30 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCF30 Datasheet HTML 1Page - Diotec Semiconductor BCF30 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
19
01.11.2003
General Purpose Transistors
BCF 29, BCF 30
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung 1)
- I
C = 10 mA, - IB = 0.5 mA
- V
BEsat
–
720 mV
–
- I
C = 50 mA, - IB = 2.5 mA
- V
BEsat
–
810 mV
–
DC current gain – Kollektor-Basis-Stromverhältnis 1)
- V
CE = 5 V, - IC = 10
:A
BCF 29
h
FE
–90–
BCF 30
h
FE
–
150
–
- V
CE = 5 V, - IC = 2 mA
BCF 29
h
FE
120
–
260
BCF 30
h
FE
215
–
500
Base-Emitter voltage – Basis-Emitter-Spannung 1)
- V
CE = 5 V, - IC = 2 mA
V
BEon
600 mV
–
750 mV
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 10 mA, f = 100 MHz
f
T
100 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
4.5 pF
–
Noise figure – Rauschzahl
- V
CE = 5 V, - IC = 200
:A, R
G = 2 k
S,
f = 1 kHz,
)f = 200 Hz
F
–
1 dB
4 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BCF 32, BCF 33
Marking – Stempelung
BCF 29 = C7
BCF 30 = C8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com