Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4571
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 3 Page - Analog Devices

  ADA4571 Datasheet HTML 1Page - Analog Devices ADA4571 Datasheet HTML 2Page - Analog Devices ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 3 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
SPECIFICATIONS
MAGNETIC CHARACTERISTICS
Table 1.
Parameter
Value
Unit
Test Conditions/Comments
Magnetic Field Strength, HEXT
25
kA/m
The stimulating magnetic field in the x-y sensor plane necessary to ensure the
minimum error as specified in Table 1 and Table 2
Maximum Magnetic Field Rotational
Frequency
50,000
rpm
Reference Position Error
±50
µm
Reference position for y = 0 µm is the straight connection line of Pin 2 and Pin 7;
the x = 0 µm position is referred to the middle distance of the package top
Reference Angle Error
±2
Degrees
Reference position for angle Φ = 0° is parallel to the straight connection line
of Pin 2 and Pin 7
∠
ELECTRICAL CHARACTERISTICS
ADA4571WH
−40°C ≤ TA ≤ +150°C, VDD = 2.7 V to 5.5 V, CL = 10 nF to GND, RL = 200 kΩ to GND; angle inaccuracies referred to homogenous
magnetic field of 25 kA/m; output signals and offset voltages are related to the common-mode level of VDD/2, unless otherwise stated.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ANGULAR PERFORMANCE
Angle Measurement Range
0
180
Degrees
Uncorrected Angular Error1
αUNCORR
TA = −40°C
±5
Degrees
TA = 25°C
±5
Degrees
TA = 150°C
±5
Degrees
Single Point Calibration Angular
Error2, 3
αCAL
TA = −40°C to +150°C, GC = GND
±0.7
Degrees
TA = −40°C to +150°C, GC = VDD
±0.7
Degrees
Dynamic Angular Error4
αDYNAMIC
TA = −40°C to +150°C, rotation frequency =
2000 rpm
±0.1
±0.5
Degrees
OUTPUT PARAMETERS
Amplitude
VAMP
GC = GND
TA = −40°C
63
75
% VDD
TA = 25°C
41
53
% VDD
TA = 125°C
21
33
% VDD
TA = 150°C
18
30
% VDD
GC = VDD
TA = −40°C
56
77
% VDD
TA = 25°C
52
72
% VDD
TA = 125°C
38
57
% VDD
TA = 150°C
35
55
% VDD
Output Voltage Range
VO_SWING
VSIN and VCOS, normal operation
7
93
% VDD
Output Voltage Low
VOL
VSIN or VCOS, broken bond wire detected
5
% VDD
Output Referred Offset Voltage
VOFFSET
GC = VDD
3.75
% VDD
GC = GND
3.75
% VDD
Amplitude Synchronism Error5
k
−1
+1
% peak
Delay Time
tDEL
Rotation frequency = 30,000 rpm
2
µs
Phase Error6
ΦERR
Rotation frequency = 30,000 rpm
0.8
Degrees
Orthogonality Error3
OE
0.05
Degrees
Output Noise
VNOISE
Bandwidth (BW) = 80 kHz, referred to
output (RTO)
500
µV rms
Output Series Resistance
RO
Normal operation, PD = GND
60
Ω
PD = VDD
63
kΩ
Output −3 dB Cutoff Frequency3
f−3dB
Amplifier BW, CL = 10 pF
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com