Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC849B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC849B
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC849B Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC849B Datasheet HTML 1Page - Diotec Semiconductor BC849B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
11
01.11.2003
General Purpose Transistors
BC 846 ... BC 850
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector saturation volt. – Kollektor-Sättigungsspannung 1)
I
C = 10 mA, IB = 0.5 mA
V
CEsat
–
90 mV
250 mV
I
C = 100 mA, IB = 5 mA
V
CEsat
–
200 mV
600 mV
Base saturation voltage – Basis-Sättigungsspannung 1)
I
C = 10 mA, IB = 0.5 mA
V
BEsat
–
700 mV
–
I
C = 100 mA, IB = 5 mA
V
BEsat
–
900 mV
–
Base-Emitter voltage – Basis-Emitter-Spannung 1)
V
CE = 5 V, IC = 2 mA
V
BEon
580 mV
660 mV
700 mV
V
CE = 5 V, IC = 10 mA
V
BEon
–
–
770 mV
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, VCB = 30 V
I
CB0
–
–
15 nA
I
E = 0, VCB = 30 V, Tj = 150
/CI
CB0
––
5
:A
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, VEB = 5 V
I
EB0
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 10 mA, f = 100 MHz
f
T
100 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
3.5 pF
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
V
EB = 0.5 V, IC = ic = 0, f = 1 MHz
C
EB0
–
9 pF
–
Noise figure – Rauschzahl
V
CE = 5 V, IC = 200
:A
R
G = 2 k
S, f = 1 kHz,
)f = 200 Hz
BC 846...
BC 848
F
–
2 dB
10 dB
BC 849/850
F
1.2 dB
4 dB
V
CE = 5 V, IC = 200
:A
R
G = 2 k
S, f = 1 kHz,
f = 30 ... 15000 Hz
BC 849
F
–
1.4 dB
4 dB
BC 850
F
–
1.4 dB
3 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC 856 ... BC 860
Marking of available current gain
groups per type
Stempelung der lieferbaren Strom-
verstärkungsgruppen pro Typ
BC 846A = 1A
BC 846B = 1B
BC 847A = 1E
BC 847B = 1F
BC 847C = 1G
BC 848A = 1J
BC 848B = 1K
BC 848C = 1L
BC 849B = 2B
BC 849C = 2C
BC 850B = 2F
BC 850C = 2G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com