Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV47 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCV47
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCV47 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCV47 Datasheet HTML 1Page - Diotec Semiconductor BCV47 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300 :s, duty cycle # 2% – Gemessen mit Impulsen tp = 300 :s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
9
1
3
2
T1
T2
Darlington Transistors
BCV27, BCV47
Characteristics (T
j = 25/C)
Kennwerte (T
j = 25/C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung
1)
I
C = 100 mA, IB = 0.1 mA
V
BEsat
–
–
1.5 V
DC current gain – Kollektor-Basis-Stromverhältnis
1)
V
CE = 5 V, IC = 1 mA
BCV27
BCV47
h
FE
h
FE
4000
2000
–
–
–
–
V
CE = 5 V, IC = 10 mA
BCV27
BCV47
h
FE
h
FE
10000
4000
–
–
–
–
V
CE = 5 V, IC = 100 mA
BCV27
BCV47
h
FE
h
FE
20000
10000
–
–
–
–
Base-Emitter voltage – Basis-Emitter-Spannung
1)
V
CE = 5 V, IC = 10 mA
- V
BEon
–
–
1.4 V
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 10 mA, f = 100 MHz
f
T
–
220 MHz
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W
2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BCV26, BCV46
Marking – Stempelung
BCV27 = FF
BCV47 = FG
Pinning – Anschlußbelegung



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com