Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW65 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCW65
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCW65 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCW65 Datasheet HTML 1Page - Diotec Semiconductor BCW65 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
43
01.11.2003
General Purpose Transistors
BCW 65, BCW 66
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector saturation volt. – Kollektor-Sättigungsspg. 1)
I
C = 100 mA, IB = 10 mA
V
CEsat
–
–
300 mV
I
C = 500 mA, IB = 50 mA
V
CEsat
–
–
700 mV
Base saturation voltage – Basis-Sättigungsspannung 1)
I
C = 100 mA, IB = 10 mA
V
BEsat
–
–
1.25 V
I
C = 500 mA, IB = 50 mA
V
BEsat
–
–
2 V
DC current gain – Kollektor-Basis-Stromverhältnis 1)
V
CE = 10 V, IC = 100
:A
BCW 65A / 66F
h
FE
35
–
–
BCW 65B / 66G
h
FE
50
–
–
BCW 65C / 66H
h
FE
80
–
–
V
CE = 1 V, IC = 10 mA
BCW 65A / 66F
h
FE
75
–
–
BCW 65B / 66G
h
FE
110
–
–
BCW 65C / 66H
h
FE
180
–
–
V
CE = 1 V, IC = 100 mA
BCW 65A / 66F
h
FE
100
160
250
BCW 65B / 66G
h
FE
160
250
400
BCW 65C / 66H
h
FE
250
350
630
V
CE = 2 V, IC = 500 mA
BCW 65A / 66F
h
FE
–35–
BCW 65B / 66G
h
FE
–60–
BCW 65C / 66H
h
FE
–
100
–
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 50 mA, f = 100 MHz
f
T
–
170 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
6 pF
–
Emitter-Base Capacitance – Emitter-Basis-Kapazität
V
EB = 0.5 V, IC = ic = 0, f = 1 MHz
C
EB0
–
60 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BCW 67, BCW 68
Marking – Stempelung
BCW 65A = EA
BCW 65B = EB
BCW 65C = EC
BCW 66F = EF
BCW 66G = EG
BCW 66H = EH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com