Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT495TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT495TC
Description  150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT495TC Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT495TC Datasheet HTML 1Page - Diodes Incorporated FMMT495TC Datasheet HTML 2Page - Diodes Incorporated FMMT495TC Datasheet HTML 3Page - Diodes Incorporated FMMT495TC Datasheet HTML 4Page - Diodes Incorporated FMMT495TC Datasheet HTML 5Page - Diodes Incorporated FMMT495TC Datasheet HTML 6Page - Diodes Incorporated FMMT495TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT495
Document number: DS33096 Rev. 5 - 2
4 of 7
www.diodes.com
January 2016
© Diodes Incorporated
FMMT495
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
170
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
150
—
—
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
—
—
V
IE = 100µA
Collector Cutoff Current
ICBO
—
—
100
nA
VCB = 150V
Emitter Cutoff Current
IEBO
—
—
100
nA
VEB = 5V
Collector Emitter Cutoff Current
ICES
—
—
100
nA
VCE = 150V
Static Forward Current Transfer Ratio (Note 9)
hFE
100
—
—
—
IC = 1mA, VCE = 10V
100
—
300
IC = 250mA, VCE = 10V
50
—
—
IC = 500mA, VCE = 10V
10
—
—
IC = 1A, VCE = 10V
Collector-Emitter Saturation Voltage (Note 9)
VCE(SAT)
—
—
0.2
V
IC = 250mA, IB = 25mA
—
—
0.3
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(ON)
—
—
1.0
V
IC = 500mA, VCE = 10V
Base-Emitter Saturation Voltage (Note 9)
VBE(SAT)
—
—
1.0
V
IC = 500mA, IB = 50mA
Output Capacitance
COBO
—
—
10
pF
VCB = 10V, f = 1MHz
Transition Frequency
fT
100
—
—
MHz
VCE = 10V, IC = 50mA,
f = 100MHz
Notes:
9. Measured under pu
lsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com