Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP30 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BSP30
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BSP30 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BSP30 Datasheet HTML 1Page - Diotec Semiconductor BSP30 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
3
01.11.2003
Switching Transistors
BSP 30 ... BSP 33
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung 1)
- I
C = 150 mA, - IB = 15 mA
- V
BEsat
–
–
1 V
- I
C = 500 mA, - IB = 50 mA
- V
BEsat
–
–
1.2 V
DC current gain – Kollektor-Basis-Stromverhältnis 1)
- V
CE = 5 V, - IC = 100
:A
BSP 30
BSP 32
h
FE
10
–
–
- V
CE = 5 V, - IC = 100 mA
h
FE
40
–
120
- V
CE = 5 V, - IC = 500 mA
h
FE
30
–
–
- V
CE = 5 V, - IC = 100
:A
BSP 31
BSP 33
h
FE
30
–
–
- V
CE = 5 V, - IC = 100 mA
h
FE
100
–
300
- V
CE = 5 V, - IC = 500 mA
h
FE
50
–
–
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 10 mA, f = 100 MHz
f
T
100 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
20 pF
–
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- V
EB = 0.5 V, IC = ic = 0, f = 1 MHz
C
EB0
–
120 pF
–
Switching times – Schaltzeiten
turn-on time
- I
Con = 100 mA,
- I
Bon = 5 mA, IBoff = 5 mA
t
on
–
–
500 ns
turn-off time
t
off
–
–
600 ns
Thermal resistance – Wärmewiderstand
junction to ambient air – Sperrschicht zu umgebender Luft
R
thA
93 K/W 2)
junction to soldering point – Sperrschicht zu Lötpad
R
thS
12 K/W
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BSP 40, BSP 41, BSP 42, BSP 43



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com