Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5415 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5415
Description  PNP high-voltage transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5415 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5415 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5415 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon PNP Power Transistor
2N5415
DESCRIPTION
·
PNP high-voltage transistor
·
Low current (max. 200 mA)
·
High voltage (max. 300 V)
APPLICATIONS
·
Designed for Switching and linear
amplification in military, industrial
and consumer equipment applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
200
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current-Continuous
0.2
A
ICM
Peak Collector Current
0.4
A
IBM
Peak Base cCurrent
0.2
A
PC
Collector Power Dissipation
@ Ta<50℃
1.0
W
Collector Power Dissipation
@ TC=25℃
10
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-60~200
℃


Similar Part No. - 2N5415

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5415 PHILIPS-2N5415 Datasheet
51Kb / 8P
PNP high-voltage transistors
1997 May 21
logo
STMicroelectronics
2N5415 STMICROELECTRONICS-2N5415 Datasheet
66Kb / 4P
SILICON PNP TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N5415 BOCA-2N5415 Datasheet
262Kb / 6P
HIGH VOLTAGE AMPLIFIERS
logo
Microsemi Corporation
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5415 CENTRAL-2N5415 Datasheet
56Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N5415

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Unisonic Technologies
PZTA92 UTC-PZTA92 Datasheet
77Kb / 3P
HIGH VOLTAGE PNP TRANSISTOR
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
High Voltage PNP Transistor
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
PNP High Voltage Transistor
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
PNP high-voltage transistor
16 May 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com