Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR13 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BSR13
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BSR13 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BSR13 Datasheet HTML 1Page - Diotec Semiconductor BSR13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
7
01.11.2003
Switching Transistors
BSR 13, BSR 14
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
V
CE = 10 V, IC = 0.1 mA
BSR 13
BSR 14
h
FE
35
–
–
V
CE = 10 V, IC = 1 mA
h
FE
50
–
–
V
CE = 10 V, IC = 10 mA
h
FE
75
–
–
V
CE = 10 V, IC = 150 mA
h
FE
100
–
300
V
CE = 1 V, IC = 150 mA
h
FE
50
–
–
V
CE = 10 V, IC = 500 mA
BSR 13
h
FE
30
–
–
BSR 14
h
FE
40
–
–
Collector saturation volt. – Kollektor-Sättigungsspg. 1)
I
C = 150 mA, IB = 15 mA
BSR 13
V
CEsat
–
–
400 mV
BSR 14
V
CEsat
–
–
300 mV
I
C = 500 mA, IB = 50 mA
BSR 13
V
CEsat
–
–
1.6 V
BSR 14
V
CEsat
–
–
1 V
Base saturation voltage – Basis-Sättigungsspannung 1)
I
C = 150 mA, IB = 15 mA
BSR 13
V
BEsat
–
–
1.3 V
BSR 14
V
BEsat
0.6 V
–
1.2 V
I
C = 500 mA, IB = 50 mA
BSR 13
V
BEsat
–
–
2.6 V
BSR 14
V
BEsat
–
–
2 V
Gain-Bandwidth Product – Transitfrequenz
V
CE = 20 V, IC = 20 mA,
f = 100 MHz
BSR 13
f
T
250 MHz
–
–
BSR 14
f
T
300 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
8 pF
–
Switching times – Schaltzeiten
turn-on time
I
Con = 150 mA
I
Bon = 15 mA
- I
Boff = 15 mA
t
on
–
–
35 ns
delay time
t
d
–
–
15 ns
rise time
t
r
–
–
20 ns
turn-off time
t
off
–
–
250 ns
storage time
t
s
–
–
200 ns
fall time
t
f
–
–
60 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BSR 15, BSR 16
Marking - Stempelung
BSR 13 = U7
BSR 14 = U8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com