Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1009 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1009
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1009 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1009 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1009 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SA1009
DESCRIPTION
·Low Collector Saturation Voltage-
: VCE(sat)= -1V(Max.)@ IC= -0.3A
·Fast Switching Speed
·Wide Reverse Bias Safe Operating Area
APPLICATIONS
·Designed for switching regulators, DC/DC converters and
High frequency power amplifier application.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-350
V
VCEO
Collector-Emitter Voltage
-350
V
VEBO
Emitter-Base Voltage
-7.0
V
IC
Collector Current-Continuous
-2.0
A
ICM
Collector Current-Peak
-4.0
A
PC
Collector Power Dissipation@ Ta=25℃
15
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SA1009

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1009 NEC-2SA1009 Datasheet
179Kb / 3P
PNP SILICON POWER TRANSISTORS
2SA1009A NEC-2SA1009A Datasheet
179Kb / 3P
PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
2SA1009A ISC-2SA1009A Datasheet
312Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1009

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com