Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1606 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1606
Description  Complement to Type 2SC4159
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1606 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1606 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1606 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1606
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -1mA; IE= 0
180
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -1mA; RBE= ∞
160
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -500mA; IB= -50mA
-0.5
V
VBE(on)
Base-Emitter On Voltage
IC= -10mA; VCE= -5V
-1.5
V
ICBO
Collector Cutoff Current
VCB= -120V; IE= 0
-10
μ A
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-10
μ A
hFE
DC Current Gain
IC= -300mA; VCE= -5V
60
200
fT
Current-Gain
—Bandwidth Product
IC= -50mA ; VCE= -10V
100
MHz
COB
Output Capacitance
IE= 0; VCB= -10V; f= 1.0MHz
30
pF
Switching Times
ton
Turn-on Time
IC= -0.5A, RL= 40Ω ,
IB1= -IB2= -50mA, VCC= -20V;
PW= 20μ s
0.29
μ s
tstg
Storage Time
0.48
μ s
tf
Fall Time
0.19
μ s
 h
FE Classifications
D
E
60-120
100-200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com