Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA24 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MSA24
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MSA24 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MSA24 Datasheet HTML 5Page - National Semiconductor (TI) MSA24 Datasheet HTML 6Page - National Semiconductor (TI) MSA24 Datasheet HTML 7Page - National Semiconductor (TI) MSA24 Datasheet HTML 8Page - National Semiconductor (TI) MSA24 Datasheet HTML 9Page - National Semiconductor (TI) MSA24 Datasheet HTML 10Page - National Semiconductor (TI) MSA24 Datasheet HTML 11Page - National Semiconductor (TI) MSA24 Datasheet HTML 12Page - National Semiconductor (TI) MSA24 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, t
r =tf = 3 ns, fCK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK =5
MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
ADC12H030/2/4/8 ADC12030/2/4/8
Units
(Limits)
Limits
Limits
(Note 11)
(Note 11)
t
A
Acquisition Time
6 Cycles Programmed
6(t
CK)
6(t
CK)
6(t
CK)
(min)
(Note 19)
7(t
CK)
7(t
CK)
(max)
0.75
1.2
µs (min)
0.875
1.4
µs (max)
10 Cycles Programmed
10(t
CK)
10(t
CK)
10(t
CK)
(min)
11(t
CK)
11(t
CK)
(max)
1.25
2.0
µs (min)
1.375
2.2
µs (max)
18 Cycles Programmed
18(t
CK)
18(t
CK)
18(t
CK)
(min)
19(t
CK)
19(t
CK)
(max)
2.25
3.6
µs (min)
2.375
3.8
µs (max)
34 Cycles Programmed
34(t
CK)
34(t
CK)
34(t
CK)
(min)
35(t
CK)
35(t
CK)
(max)
4.25
6.8
µs (min)
4.375
7.0
µs (max)
t
CKAL
Self-Calibration Time
4944(t
CK)
4944(t
CK)
4944(t
CK)
(max)
618.0
988.8
µs (max)
t
AZ
Auto-Zero Time
76(t
CK)
76(t
CK)
76(t
CK)
(max)
9.5
15.2
µs (max)
t
SYNC
Self-Calibration
2(t
CK)
2(t
CK)
2(t
CK)
(min)
or Auto-Zero
3(t
CK)
3(t
CK)
(max)
Synchronization Time
0.250
0.40
µs (min)
from DOR
0.375
0.60
µs (max)
t
DOR
DOR High Time
9(t
SK)
9(t
SK)
9(t
SK)
(max)
when CS is Low
1.125
1.8
µs (max)
Continuously for Read
Data and Software
Power Up/Down
t
CONV
CONV Valid Data Time
8(t
SK)
8(t
SK)
8(t
SK)
(max)
1.0
1.6
µs (max)
AC Electrical Characteristics
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, t
r =tf = 3 ns, fCK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK =5
MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω,
fully-differential input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
t
HPU
Hardware Power-Up Time, Time from
140
250
µs (max)
PD Falling Edge to EOC Rising Edge
t
SPU
Software Power-Up Time, Time from
Serial Data Clock Falling Edge to
140
250
µs (max)
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com