Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N3019
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3019 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3019 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3019 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
2N3019
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO
Collector-Emitter Breakdown Voltage
IC=30mA ; IB=0
80
V
VCBO
Collector-Base Breakdown Voltage
IC=0.1mA ; IE=0
140
V
VEBO
Emitter-Base Breakdown Voltage
IC=0.1mA ; IE=0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=150mA; IB= 15mA
0.2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 0.5A; IB= 50mA
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 150mA ; IB=15mA
1.1
V
ICBO
Collector Cutoff Current
VCE= 90V; IB=0
1.5
uA
IEBO
Emitter Cutoff Current
VEB= 5.0V; IC=0
0.1
uA
hFE-1
DC Current Gain
IC= 0.1mA ; VCE= 10V
50
hFE-2
DC Current Gain
IC= 10mA ; VCE= 10V
90
hFE-3
DC Current Gain
IC= 150mA ; VCE= 10V
100
300
hFE-3
DC Current Gain
IC= 0.5A ; VCE= 10V
50
hFE-4
DC Current Gain
IC= 1A ; VCE= 10V
15
fT
Current Gain-Bandwidth Product
IC= 50mA ; VCE= 10V;f=20MHz
100
400
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com