Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1007 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1007
Description  High Current Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1007 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1007 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1007 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SA1007
DESCRIPTION
·High Current Capability
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -150V(Min.)
·Complement to Type 2SC2337
APPLICATIONS
·Designed for audio and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-150
V
VCEO
Collector-Emitter Voltage
-150
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-10
A
PC
Collector Power Dissipation
@TC=25℃
100
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~150


Similar Part No. - 2SA1007

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SA1007 NJSEMI-2SA1007 Datasheet
180Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SA1007

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
High Current Capability
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
High current capability
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
High current capability
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
High current capability
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
High Current Capability
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
High current capability
21-Nov-13
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
High current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com