Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY12 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BY12
Description  High Voltage Si-Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY12 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BY12 Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
2) at / bei I
FAV, Tj = 25
/C
191
28.02.2002
BY 4 ... BY 16
High Voltage Si-Rectifiers
Si-Hochspannungs-Gleichrichter
Nominal current – Nennstrom
1 A...0.3A
Repetitive peak reverse voltage
4000…16000 V
Periodische Spitzensperrspannung
Plastic case
Ø 6.3 x 21 [mm]
Kunststoffgehäuse
Weight approx. – Gewicht ca.
1.9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
Standard Lieferform ungegurtet
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Rep. peak reverse volt.
Period. Spitzensperrspg.
V
RRM [V]
Surge peak reverse volt.
Stoßspitzensperrspg.
V
RSM [V]
Max. forward current
Dauergrenzstrom
I
FAV [A]
1)
Forward volt.
Durchlaßspg
V
F [V]
2)
BY 4
4000
4000
1.0
< 4.0
BY 6
6000
6000
1.0
< 6.0
BY 8
8000
8000
0.5
< 8.0
BY 12
12000
12000
0.5
< 8.0
BY 16
16000
16000
0.3
< 15.0
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 1
:A
Sperrstrom
T
j = 100
/CV
R = VRRM
I
R
< 25
:A
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
100 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C
Thermal resistance junction to ambient air
R
thA
< 25 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Ø
±0.05
1.2
6.3


Similar Part No. - BY12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY12 TAYCHIPST-BY12 Datasheet
1Mb / 2P
High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
109Kb / 2P
High Voltage Silicon Rectifier Diodes
BY12 DIOTEC-BY12 Datasheet
144Kb / 2P
Standard Recovery High Voltage Rectifier Diodes
More results

Similar Description - BY12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300 Datasheet
127Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV3 DIOTEC-HV3 Datasheet
22Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
107Kb / 1P
High Voltage Si-Rectifiers
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY4 DIOTEC-BY4_07 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
HV3 DIOTEC-HV3_07 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV1.5 DIOTEC-HV1.5 Datasheet
64Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
Fast Switching Surface Mount High Voltage Si-Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com