Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779ACPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 39Page - Analog Devices AD7779ACPZ Datasheet HTML 40Page - Analog Devices AD7779ACPZ Datasheet HTML 41Page - Analog Devices AD7779ACPZ Datasheet HTML 42Page - Analog Devices AD7779ACPZ Datasheet HTML 43Page - Analog Devices AD7779ACPZ Datasheet HTML 44Page - Analog Devices AD7779ACPZ Datasheet HTML 45Page - Analog Devices AD7779ACPZ Datasheet HTML 46Page - Analog Devices AD7779ACPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 43 of 97
The SPI interface can operate in multiples of eight bits. For
example, in SPI control mode, if the SDO pin is used to read
back the data from the internal register or the SAR ADC, the data
frame is 16 bits wide (CRC disabled), as shown in Figure 101, or
24 bits wide (CRC enabled), as shown in Figure 102. In this
case, the controller can generate one frame of 16 bits/24 bits
(with and without the CRC enabled), or 2/3 frames of 8 bits
(with and without the CRC enabled). When the SDO pin is
used to read back the data from the -Δ channels, 64 bits must
be read back from the controller (in this case, the controller can
generate a frame of 64 bits—either 2 × 32 bits, 4 × 16 bits, or 8 ×
8 bits).
SPI CRC—Checksum Protection (SPI Control Mode)
The AD7779 has a checksum mode that improves SPI interface
robustness in SPI control mode. Using the checksum ensures
that only valid data is written to a register and allows data read
from the device to be validated. The SPI CRC can be enabled by
setting the SPI_CRC_TEST_EN bit. If an error occurs during a
register write, the SPI_CRC_ERR is set in the error register.
Enabling the SPI_CRC_TEST_EN bit results in a CRC checksum
being performed on all the R/W operations. When SPI_
CRC_TEST_EN is enabled, an 8-bit CRC word is appended
to every SPI transaction for SAR and register map operations.
For more information on -Δ readback operations, see the
CRC Header section.
To ensure that the register write is successful, it is recommended to
read back the register and verify the checksum.
For CRC checksum calculations, the following polynomial is
always used: x8 + x2 + x + 1. See the SPI Control Mode
Checksum section for more information.
SPI Read/Write Register Mode (SPI Control Mode)
The AD7779 has on-board registers to configure and control
the device.
The registers have 7-bit addresses—the 7-bit register address on
the SDI line selects the register for the read/write function. The
7-bit register address follows the R/W bit in the SDI data. The
8 bits on the SDI line following the 7-bit register address are the
data to be written to the selected register if the SPI is a write
transfer. Data on the SDI line is clocked into the AD7779 on
the rising edge of SCLK, as shown in Figure 3.
The data on the SDO line during the SPI transfer contains the
8-bit 0010 0000 header: 8 bits of register data in the case of a read
(R) operation, or 8 zeros in the case of a write (W) operation.
With the CRC disabled, the basic data frame on the SDI line
during the transfer is 16 bits long, as shown in Figure 101.
When the CRC is enabled, a minimum frame length of 24 SCLKs is
required on SPI transfers. The 24 bits of data on the SDO line
consist of an 8-bit header (0010 0000), 8 bits of data, and an 8-bit
CRC (see Figure 102).
R/W
A6A5A4A3A2A1A0
D6
D7
D5
D4
D3
D2
D1
D0
0
SDO
CS
SCLK
SDI
0
1
0
0
0
0
0
R7
R6
R5
R4
R3
R2
R1
R0
Figure 101. 16-Bit SPI Transfer—CRC Disabled
R/W
A6A5A4
A3
A2A1
A0
D6
D7
D5
D4
D3
D2
D1
D0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
0
SDO
CS
SCLK
SDI
0
1
00000
R7
R6
R5
R4
R3
R2
R1
R0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
Figure 102. 24-Bit SPI Transfer—CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com