Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-5BCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7989-5BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-5BCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7989-5BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7989-5BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
ORDERING GUIDE
Model1, 2, 3
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
Branding
AD7989-1BRMZ
−40°C to +85°C
10-Lead MSOP, Tube
RM-10
50
C76
AD7989-1BRMZ-RL7
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
1,000
C76
AD7989-1BCPZ-RL7
−40°C to +85°C
10-Lead LFCSP_WD, 7”Tape and Reel
CP-10-9
1,500
C80
AD7989-1BCPZ-R2
−40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
250
C80
AD7989-5BRMZ
−40°C to +85°C
10-Lead MSOP, Tube
RM-10
50
C7N
AD7989-5BRMZ-RL7
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
1,000
C7N
AD7989-5BCPZ-RL7
−40°C to +85°C
10-Lead LFCSP_WD, 7”Tape and Reel
CP-10-9
1,500
C7Y
AD7989-5BCPZ-R2
−40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
250
C7Y
EVAL-AD7989-5SDZ
Evaluation Board with AD7989-5 Populated; Use for
Evaluation of Both AD7989-1 and AD7989-5
EVAL-SDP-CB1Z
System Demonstration Board, Used as a Controller
Board for Data Transfer via USB Interface to PC
1
Z = RoHS Compliant Part.
2
The EVAL-AD7989-5SDZ board can be used as a standalone evaluation board or in conjunction with the EVAL-SDP-CB1Z for evaluation/demonstration purposes.
3
The EVAL-SDP-CB1Z board allows a PC to control and communicate with all Analog Devices, Inc., evaluation boards ending in the SD designator.
Rev. A | Page 23 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com