Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9262
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 3 Page - Analog Devices

  AD9262 Datasheet HTML 1Page - Analog Devices AD9262 Datasheet HTML 2Page - Analog Devices AD9262 Datasheet HTML 3Page - Analog Devices AD9262 Datasheet HTML 4Page - Analog Devices AD9262 Datasheet HTML 5Page - Analog Devices AD9262 Datasheet HTML 6Page - Analog Devices AD9262 Datasheet HTML 7Page - Analog Devices AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9262
Rev. A | Page 3 of 32
SPECIFICATIONS
DC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN1 = −2.0 dBFS,
unless otherwise noted.
Table 1.
Parameter
Temp
AD9262BCPZ
AD9262BCPZ-5
AD9262BCPZ-10
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
16
16
16
Bits
ANALOG INPUT BANDWIDTH
2.5
5
10
MHz
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.025
±0.2
±0.025
±0.2
±0.025
±0.2
% FSR
Gain Error
Full
±0.7
±3.0
±0.7
±3.0
±0.7
±3.0
% FSR
Integral Nonlinearity (INL)2
25°C
±1.5
±1.5
±1.5
LSB
MATCHING CHARACERISTICS
Offset Error
Full
±0.035
±0.2
±0.035
±0.2
±0.035
±0.2
% FSR
Gain Error
Full
±0.3
±1.3
±0.3
±1.3
±0.3
±1.3
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±1.5
±1.5
±1.5
ppm/°C
Gain Error
Full
±50
±50
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
490
500
510
490
500
510
490
500
510
mV
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
2
2
2
V p-p diff
Common-Mode Voltage
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Input Resistance
Full
1
1
1
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
CVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
3.6
1.7
1.8
3.6
1.7
1.8
3.6
V
Supply Current
IAVDD2
Full
146
165
146
165
146
165
mA
ICVDD2 PLL Enabled
Full
57
65
57
65
57
65
mA
ICVDD2 PLL Disabled
Full
8.1
8.8
8.1
8.8
8.1
8.8
mA
IDVDD2
Full
108
117
141
152
169
182
mA
IDRVDD2 (1.8 V)
Full
8.3
8.6
8.7
9.1
10
12.7
mA
IDRVDD2 (3.3 V)
Full
17
18
22
mA
POWER CONSUMPTION
Sine Wave Input2 PLL Disabled
Full
487
538.5
547
601.5
600
660
mW
Sine Wave Input2 PLL Enabled
Full
576
640
636
703
688
762
mW
Power-Down Power
Full
23
23
23
mW
Standby Power2
Full
10
10
10
mW
Sleep Power
Full
3
4
3
4
3
4
mW
1 Input power is referenced to full scale. Therefore, all measurements were taken with a 2 dB signal below full scale, unless otherwise noted.
2 Measured with a low input frequency, full-scale sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com