Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR31310A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3WVR31310A
Description  DP/HDMI 1:3 De-mux/Mux switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31310A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3WVR31310A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PI3WVR31310A
DP/HDMI 1:3 De-mux/Mux switches
www.pericom.com
10/30/15
All trademarks are property of their respective owners.
Note: 1. The 120kΩ pull down resistor is not always on.
Pin Configuration: TQFN-60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
52 51
50
49
48
22 23 24 25 26
21
27
30
29
28
54 53
56 55
58 57
60 59
GND
TQFN-60
5x9 mm
VDD
D0P
D0N
D1P
D1N
D2P
D2N
D3P
D3N
SEL1
SEL0
HPD_SRC
CAB_SRC
CAB_3
HPD3
DEMUX_MUX
AUXP
AUXN
SCL
VDD
D0P2
D0N2
D1P2
D1N2
D2P2
D2N2
D3P2
D3N2
VDD
AUX1P/SCL1
AUX1N/SDA1
SDA
D3P3
D3N3
D2P3
D2N3
D1P3
D1N3
D0P3
D0N3
15-0139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com