Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR31313A Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI3WVR31313A
Description  DP/HDMI 1:3 De-multiplexer switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31313A Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI3WVR31313A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 23Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 24Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
PI3WVR31313A
DP/HDMI 1:3 De-multiplexer switches
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
0x01
RX_SET[7:5]
for port3; HPD
auto selection
time
[7:5] EQ programmable setting
000: 1.5 dB
001: 4 dB
010: 6.5 dB
011: 9 dB
100: 11.5 dB
101: 14 dB
110: 16.5 dB
111: 9 dB
[4:3] HPD auto selection time source control
00: normal
01: -25%
10: +25%
11: test mode
[2] HPD auto selection time t3 setting
0: 256ms
1: 128ms
[1] HPD auto selection time t4 setting
0: 1024ms
1: 516ms
[0] HPD pulse duration treated as IRQ time t1 setting
0: 2ms
1: 4ms
0x00
R/W
15-0162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com