Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9691 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9691
Description  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9691 Datasheet HTML 17Page - Analog Devices AD9691 Datasheet HTML 18Page - Analog Devices AD9691 Datasheet HTML 19Page - Analog Devices AD9691 Datasheet HTML 20Page - Analog Devices AD9691 Datasheet HTML 21Page - Analog Devices AD9691 Datasheet HTML 22Page - Analog Devices AD9691 Datasheet HTML 23Page - Analog Devices AD9691 Datasheet HTML 24Page - Analog Devices AD9691 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Data Sheet
AD9691
Rev. 0 | Page 21 of 72
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9691 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or clock drivers. These pins are biased internally
and require no additional biasing.
Figure 50 shows a preferred method for clocking the AD9691. The
low jitter clock source is converted from a single-ended signal to
a differential signal using an RF transformer.
ADC
CLK+
CLK–
0.1µF
0.1µF
100Ω
50Ω
CLOCK
INPUT
1:1Z
Figure 50. Transformer-Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins, as shown in Figure 51 and
Figure 52.
ADC
CLK+
CLK–
0.1µF
0.1µF
Z0 = 50Ω
Z0 = 50Ω
33Ω
33Ω
71Ω
10pF
3.3V
Figure 51. Differential CML Sample Clock
ADC
CLK+
CLK–
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
50Ω1
100Ω
CLOCK INPUT
LVDS
DRIVER
CLK+
CLK–
150Ω RESISTORS ARE OPTIONAL.
CLOCK INPUT
Figure 52. Differential LVDS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. In applications where the clock duty cycle cannot
be guaranteed to be 50%, a higher multiple frequency clock can be
supplied to the device. The AD9691 can be clocked at 1.5 GHz
with the internal clock divider set to 2. The output of the divider
offers a 50% duty cycle, high slew rate (fast edge) clock signal to
the internal ADC. See the Memory Map section for more
details on using this feature.
Input Clock Divider ½ Period Delay Adjust
The input clock divider inside the AD9691 provides phase delay
in increments of ½ the input clock cycle. Register 0x10C can be
programmed to enable this delay independently for each channel.
Changing this register does not affect the stability of the
JESD204B link.
Input Clock Divider
The AD9691 contains an input clock divider with the ability to
divide the Nyquist input clock by 1, 2, 4, or 8. The divider ratios
can be selected using Register 0x10B. This is shown in Figure 53.
The maximum frequency at the CLK± inputs is 4 GHz. This is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, the appropriate divider ratio
must be programmed into the clock divider before applying the
clock signal. This ensures that the current transients during
device startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x10B
÷8
Figure 53. Clock Divider Circuit
The AD9691 clock divider can be synchronized using the external
SYSREF± input. A valid SYSREF± signal causes the clock divider to
reset to a programmable state. Enable this feature by setting Bit 7 of
Register 0x10D. This synchronization feature allows multiple devices
to have their clock dividers aligned to guarantee simultaneous
input sampling. See the Multichip Synchronization section for
more information.
Clock Fine Delay Adjust
The AD9691 sampling edge instant can be adjusted by writing to
Register 0x117 and Register 0x118. Setting Bit 0 of Register 0x117
enables the feature, and Register 0x118, Bits[7:0] set the value of
the delay. This value can be programmed individually for each
channel. The clock delay can be adjusted from −151.7 ps to
+150 ps in 1.7 ps increments. The clock delay adjust takes effect
immediately when it is enabled via SPI writes. Enabling the
clock fine delay adjust in Register 0x117 causes a datapath reset.
However, the contents of Register 0x118 can be changed
without affecting the stability of the JESD204B link.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) can be calculated by
SNR = 20log10(2 × π × fA × tJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com