Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM3150ARSZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM3150ARSZ
Description  3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3150ARSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM3150ARSZ Datasheet HTML 9Page - Analog Devices ADuM3150ARSZ Datasheet HTML 10Page - Analog Devices ADuM3150ARSZ Datasheet HTML 11Page - Analog Devices ADuM3150ARSZ Datasheet HTML 12Page - Analog Devices ADuM3150ARSZ Datasheet HTML 13Page - Analog Devices ADuM3150ARSZ Datasheet HTML 14Page - Analog Devices ADuM3150ARSZ Datasheet HTML 15Page - Analog Devices ADuM3150ARSZ Datasheet HTML 16Page - Analog Devices ADuM3150ARSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADuM3150
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 15.
Parameter
Rating1
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Supply Voltages (VDD1, VDD2)
−0.5 V to +7.0 V
Input Voltages (VIA, VIB, MCLK, MO,
SO, MSS)
−0.5 V to VDDx + 0.5 V
Output Voltages (SCLK, DCLK, SSS,
MI, SI, VOA, VOB)
−0.5 V to VDDx + 0.5 V
Average Output Current per Pin2
−10 mA to +10 mA
Common-Mode Transients3
−100 kV/μs to +100 kV/μs
1
VDDx = VDD1 or VDD2.
2
See Figure 2 for maximum safety rated current values across temperature.
3
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 16. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC 60 Hz RMS
Voltage
400
V rms
20 year lifetime at 0.1% failure
rate, zero average voltage
DC Voltage
722
V peak
Limited by the creepage of the
package, Pollution Degree 2,
Material Group II2,3
1
See the Insulation Lifetime section for details.
2
Other pollution degree and material group requirements yield a different
limit.
3
Some system level standards allow components to use the printed wiring
board (PWB) creepage values. The supported dc voltage may be higher for
those standards.
ESD CAUTION
Rev. A | Page 13 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com