Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM3154ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM3154ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3154ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM3154ARSZ Datasheet HTML 1Page - Analog Devices ADuM3154ARSZ Datasheet HTML 2Page - Analog Devices ADuM3154ARSZ Datasheet HTML 3Page - Analog Devices ADuM3154ARSZ Datasheet HTML 4Page - Analog Devices ADuM3154ARSZ Datasheet HTML 5Page - Analog Devices ADuM3154ARSZ Datasheet HTML 6Page - Analog Devices ADuM3154ARSZ Datasheet HTML 7Page - Analog Devices ADuM3154ARSZ Datasheet HTML 8Page - Analog Devices ADuM3154ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADuM3154
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3.3 V Operation ............................ 5
Electrical Characteristics—Mixed 5 V/3.3 V Operation ........ 7
Electrical Characteristics—Mixed 3.3 V/5 V Operation ........ 9
Package Characteristics ............................................................. 10
Regulatory Information............................................................. 11
Insulation and Safety Related Specifications .......................... 11
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation
Characteristics ............................................................................ 12
Recommended Operating Conditions .................................... 12
Absolute Maximum Ratings ......................................................... 13
ESD Caution................................................................................ 13
Pin Configuration and Function Descriptions........................... 14
Typical Performance Characteristics ........................................... 16
Applications Information .............................................................. 17
Introduction................................................................................ 17
Printed Circuit Board (PCB) Layout ....................................... 19
Propagation Delay Related Parameters ................................... 19
DC Correctness and Magnetic Field Immunity..................... 19
Power Consumption .................................................................. 20
Insulation Lifetime..................................................................... 20
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
3/15—Rev. 0 to Rev. A
Changes to Features Section and Table 1 ...................................... 1
Changes to Supply Current Parameter, Table 3............................ 4
Changes to Supply Current Parameter, Table 5............................ 6
Changes to Supply Current Parameter, Table 7............................ 8
Changes to Supply Current Parameter, Table 9 and Table 10... 10
Changes to Table 11........................................................................ 11
Changes to Table 13 and Figure 2................................................. 12
Changes to High Speed Channels Section .................................. 17
Changes to Ordering Guide .......................................................... 22
7/14—Revision 0: Initial Version
Rev. A | Page 2 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com