Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2166 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2166
Description  High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2166 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2166 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2166 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2SC2166
DESCRIPTION
·High Power Gain-
: Gpe≥ 13.8dB @f= 27MHz, PO= 6W; VCC= 12V
·High Reliability
APPLICATIONS
·Designed for 3 to 4 watts output power amplifiers in HF band
mobile radio applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
45
V
VCER
Collector-Emitter Voltage RBE= 10Ω
45
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
4
A
PC
Collector Power Dissipation
@TC=25℃
12.5
W
Collector Power Dissipation
@Ta=25℃
1.5
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
83
℃/W
Rth j-c
Thermal Resistance,Junction to Case
10
℃/W


Similar Part No. - 2SC2166

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2166 MITSUBISHI-2SC2166 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
logo
Quanzhou Jinmei Electro...
2SC2166 JMNIC-2SC2166 Datasheet
43Kb / 2P
Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC2166 NJSEMI-2SC2166 Datasheet
92Kb / 1P
Silicon NPN Transistor Final RF Power Output
logo
eleflow technologies co...
2SC2166 ELEFLOW-2SC2166 Datasheet
271Kb / 3P
3 to 4 watts output power amplifiers in VHF band mobile radio applications.
logo
Quanzhou Jinmei Electro...
2SC2166 JMNIC-2SC2166 Datasheet
32Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2166

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
List of Unclassifed Man...
ATC200A ETC2-ATC200A Datasheet
194Kb / 6P
High Reliability
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
High reliability
logo
Surge Components
1N914-1N914B SURGE-1N914-1N914B Datasheet
554Kb / 1P
High reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
High Reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
High reliability
580 LSTD-580 Datasheet
778Kb / 2P
High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
High Reliability
logo
Everlight Electronics C...
EAIST1005A0 EVERLIGHT-EAIST1005A0 Datasheet
456Kb / 8P
High reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com