Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N50 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 20N50
Description  Low leakage current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

20N50 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  20N50 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 20N50 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc
N-Channel Mosfet Transistor
20N50
·
·
·
·FEATURES
·Drain Current ID= 20A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
·Low ON Resistance RDS(on) = 0.27Ω(Max)
·Low leakage current
·Fast Switching
·
·
·
·DESCRITION
·Designed for high efficiency switch mode power supply.
·
·
·
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
20
A
IDM
Drain Current-Single Plused
80
A
PD
Power Dissipation
150
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
range
-55~150
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.833
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
50
℃/W


Similar Part No. - 20N50

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20N50 NELLSEMI-20N50 Datasheet
370Kb / 7P
N-Channel Power MOSFET
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
20A 500V N-channel Enhancement Mode Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
20N50A YFWDIODE-20N50A Datasheet
888Kb / 6P
20A 500V N-channel enhanced field effect transistor
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
More results

Similar Description - 20N50

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Gennum Corporation
0571P GENNUM-0571P Datasheet
942Kb / 14P
Low leakage current
logo
Nanjing International G...
BAV170 DGNJDZ-BAV170 Datasheet
869Kb / 1P
Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com