Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65N06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 65N06
Description  Drain Current ?밒D=63A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

65N06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  65N06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 65N06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
65N06
FEATURES
·
·
·
·Drain Current –ID=63A@ TC=25℃
·Drain Source Voltage-
: VDSS= 60V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.018Ω(Max)
DESCRIPTION
·Designed for low voltage, high speed switching applications in
power supplies,
converters and power motor controls, these
devices are particularly well suited for bridge circuits where
diode speed and commutating safe operating areas are critical
and offer additional safety margin against unexpected voltage
transients.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃
℃
℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
63
A
IDM
Drain Current-Single Plused
240
A
PD
Total Dissipation @TC=25℃
150
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.05
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 65N06

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
65N06 NELLSEMI-65N06 Datasheet
644Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
65N06 ISC-65N06 Datasheet
316Kb / 2P
isc N-Channel MOSFET Transistor
logo
KIA Semiconductor Techn...
65N06 KIA-65N06 Datasheet
374Kb / 7P
65A, 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
65N06 ISC-65N06_18 Datasheet
316Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 65N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK851 ISC-2SK851 Datasheet
66Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK857 ISC-2SK857 Datasheet
66Kb / 2P
Drain Current ?밒D=45A@ TC=25C
2SK1012 ISC-2SK1012 Datasheet
68Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK1081 ISC-2SK1081 Datasheet
69Kb / 2P
Drain Current ?밒D=7A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com