Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB682 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB682
Description  High Power Dissipation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB682 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB682 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB682 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:
www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SB682
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO = -100V(Min)
·High Power Dissipation
·Wide Area of Safe Operation
APPLICATIONS
·Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
PC
Total Power Dissipation
@ Ta=25℃
1.5
W
Total Power Dissipation
@ TC=25℃
30
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - 2SB682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB682 ETC-2SB682 Datasheet
39Kb / 1P
2SB682
logo
New Jersey Semi-Conduct...
2SB682 NJSEMI-2SB682 Datasheet
128Kb / 2P
Silicon PNP Power Transistor
logo
List of Unclassifed Man...
2SB682 ETC1-2SB682 Datasheet
192Kb / 3P
TRANSISTOR
More results

Similar Description - 2SB682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU920 STMICROELECTRONICS-BU920 Datasheet
272Kb / 5P
HIGH VOLTAGE POWER DISSIPATION
Oct-1988
logo
Inchange Semiconductor ...
2SB683 ISC-2SB683 Datasheet
111Kb / 2P
High Power Dissipation
2SB690 ISC-2SB690 Datasheet
110Kb / 2P
High Power Dissipation
2SD1171 ISC-2SD1171 Datasheet
103Kb / 2P
High Power Dissipation
2SD1172 ISC-2SD1172 Datasheet
102Kb / 2P
High Power Dissipation
2SD1173 ISC-2SD1173 Datasheet
103Kb / 2P
High Power Dissipation
2SD1314 ISC-2SD1314 Datasheet
127Kb / 2P
High Power Dissipation
2SD1896 ISC-2SD1896 Datasheet
136Kb / 2P
High Collector Power Dissipation
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
POWER DISSIPATION
logo
SHIKUES Electronics
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
Power dissipation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com