Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4071BC
Description  Quad 2-Input OR, AND Buffered B Series Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4071BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4071BC Datasheet HTML 1Page - National Semiconductor (TI) CD4071BC Datasheet HTML 2Page - National Semiconductor (TI) CD4071BC Datasheet HTML 3Page - National Semiconductor (TI) CD4071BC Datasheet HTML 4Page - National Semiconductor (TI) CD4071BC Datasheet HTML 5Page - National Semiconductor (TI) CD4071BC Datasheet HTML 6Page - National Semiconductor (TI) CD4071BC Datasheet HTML 7Page - National Semiconductor (TI) CD4071BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD4071BCCD4081BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
1
0004
1
75
m
A
Current
VDD e 10V
2
0005
2
15
m
A
VDD e 15V
4
0006
4
30
m
A
VOL
Low Level
VDD e 5V
005
0
005
005
V
Output Voltage
VDD e 10V
lIOl k 1 mA
005
0
005
005
V
VDD e 15V
(
005
0
005
005
V
VOH
High Level
VDD e 5V
495
495
5
495
V
Output Voltage
VDD e 10V
lIOl k 1 mA
995
995
10
995
V
VDD e 15V
(
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V
15
2
15
15
V
Input Voltage
VDD e 10V VO e 10V
30
4
30
30
V
VDD e 15V VO e 15V
40
6
40
40
V
VIH
High Level
VDD e 5V VO e 45V
35
35
3
35
V
Input Voltage
VDD e 10V VO e 90V
70
70
6
70
V
VDD e 15V VO e 135V
110
110
9
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current
VDD e 10V VO e 05V
13
11
225
09
mA
(Note 3)
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Current
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
(Note 3)
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5
b
030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
AC Electrical Characteristics CD4071BCCD4071BM
TA e 25 C Input tr tf e 20 ns CL e 50 pF RL e 200 kX Typical temperature coefficient is 03% C
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay Time
VDD e 5V
100
250
ns
High-to-Low Level
VDD e 10V
40
100
ns
VDD e 15V
30
70
ns
tPLH
Propagation Delay Time
VDD e 5V
90
250
ns
Low-to-High Level
VDD e 10V
40
100
ns
VDD e 15V
30
70
ns
tTHL tTLH
Transition Time
VDD e 5V
90
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
5
75
pF
CPD
Power Dissipation Capacity
Any Gate
18
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
All voltages measured with respect to VSS unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com