Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC945 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC945
Description  High Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC945 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC945 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC945 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc&iscsemi is registered trademark
2
isc Silicon NPN Transistor
2SC945
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MA
X
UNI
T
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100mA ; IB= 10mA
0.15
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 100mA ; IB= 10 mA
0.86
1.0
V
VBE
Base -Emitter Voltage
IC= 1.0mA ; VCE= 6V
0.55
0.65
V
ICBO
Collector Cutoff Current
VCB= 60V; IE= 0
0.1
μ A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.1
μ A
hFE1
DC Current Gain
IC= 0.1mA ; VCE= 6V
50
185
hFE2
DC Current Gain
IC= 1.0mA ; VCE= 6V
90
200
600
fT
Current-Gain
—Bandwidth Product
IC= 10mA; VCE= 6V;
150
250
450
MH
z
Cob
Collector-Base Capacitance
VCB=6V; IE=0; f=1.0MHz
3
4
pF
NF
Noise Figure
IC= 0.1mA ; VCE= 6V,f=1kHz;RG=2kΩ
0.8
15
dB
 h
FE2 Classifications
R
O
P
K
90-180
135-270
200-400
300-600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com