Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # CS10D
Description  Schottky-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CS10D Datasheet(HTML) 2 Page - Diotec Semiconductor

  CS10D Datasheet HTML 1Page - Diotec Semiconductor CS10D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if mounted on P.C. board with 25 mm2 copper pads at each terminal
Dieser Wert gilt bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2) Valid for one branch – Gültig für einen Brückenzweig
2
F:\Data\WP\DatBlatt\Einzelblätter\cs10d-50d.wpd
CS 10D … CS 50D
Characteristics
Kennwerte
Max. average forward rectified current
T
A = 50
/CR-load
I
FAV
1.0 A 1)
Dauergrenzstrom
C-load
I
FAV
0.8 A 1)
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 0.5 mA
Sperrstrom
T
j = 100
/CV
R = VRRM
I
R
< 5.0 mA
Thermal resistance junction to ambient air
R
thA
< 60 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com