Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS245 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # RLS245
Description  Silicon Epitaxial Planar High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLS245 Datasheet(HTML) 2 Page - Nanjing International Group Co

  RLS245 Datasheet HTML 1Page - Nanjing International Group Co RLS245 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.2
0.5
1
2
5
10
20
50
100
200
FORWARD VOLTAGE : VF (V)
Fig. 1 Forward characteristics
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
0
100˚C
75˚C
50˚C
Ta=25˚C
50
100
150
200
250
300
350
10n
100n
1
µ
10
µ
1.1
1.0
0.9
0.8
0.7
0.6
012345
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0
IR=10mA
140
120
100
80
60
40
20
0
5
101520253035
Irr=1mA
FORWARD CURRENT : IF (mA)
Fig. 4 Reverse recovery time
characteristics
Fig.5 Surge current characteristics
14
12
10
8
6
4
2
0
1
10
100
1000
PULSE WIDTH : Tw (ms)
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01
µF
D.U.T.
5k
Ω
Fig. 6 Reverse recovery time (trr) measurement circuit
RATING AND CHARACTERISTIC CURVES (RLS245)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com