Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLB7050HT-R15M Datasheet(PDF) 4 Page - TDK Electronics

Part # VLB7050HT-R15M
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLB7050HT-R15M Datasheet(HTML) 4 Page - TDK Electronics

  VLB7050HT-R15M Datasheet HTML 1Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 2Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 3Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 4Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 5Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 6Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 7Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 8Page - TDK Electronics VLB7050HT-R15M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vlb7050_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLB7050 Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30s
250°C
5s
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com