Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA811K Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DA811K
Description  Rectifier Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DA811K Datasheet(HTML) 1 Page - Diotec Semiconductor

  DA811K Datasheet HTML 1Page - Diotec Semiconductor DA811K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Leads kept at ambient temperature at a distance of 3 mm from case
Anschlußdrähte in 3 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten
368
28.02.2002
DA 811 A/K … DA 8110 A/K (1.2 W)
Rectifier Arrays
Gleichrichter Sätze
Nominal power dissipation
1.2 W
Nenn-Verlustleistung
Repetitive peak reverse voltage
100...1000 V
Periodische Spitzensperrspannung
9 Pin-Plastic case
23 x 2.6 x 4.5 [mm]
9 Pin-Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.6 g
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
"DA 811 A...8110 A": com. anodes / gem. Anoden
"DA 811 K...8110 K" : com. cathodes / gem. Kathoden
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
DA 811 A/K
100
120
DA 814 A/K
400
480
DA 8110 A/K
1000
1200
Max. average forward rectified current, R-load,
T
A = 25
/C
for one diode operation only
I
FAV
600 mA 1)
per diode for simultaneous operation
I
FAV
150 mA 1)
Dauergrenzstrom in Einwegschaltung mit R-Last,
T
U = 25
/C
für eine einzelne Diode
I
FAV
600 mA 1)
pro Diode bei gleichzeitigem Betrieb
I
FAV
150 mA 1)
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
30 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
23
±0.2
2.6
8 x 2.54
Ø 0.5


Similar Part No. - DA811K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DA8110A/K DIOTEC-DA8110A/K Datasheet
115Kb / 2P
Rectifier Arrays
logo
Semikron International
DA8110AK SEMIKRON-DA8110AK Datasheet
180Kb / 2P
Silicon rectifiers arrays
logo
Diotec Semiconductor
DA811A DIOTEC-DA811A Datasheet
115Kb / 2P
Rectifier Arrays
DA811A/K DIOTEC-DA811A/K Datasheet
115Kb / 2P
Rectifier Arrays
DA811A/K DIOTEC-DA811A/K Datasheet
115Kb / 2P
Rectifier Arrays
More results

Similar Description - DA811K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAF811AK DIOTEC-DAF811AK Datasheet
148Kb / 2P
Fast Switching Rectifier Arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
TRANSISTOR ARRAYS
logo
Integral Corp.
IWR0340UM INTEGRAL-IWR0340UM Datasheet
115Kb / 1P
HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
IWR0520F INTEGRAL-IWR0520F Datasheet
116Kb / 1P
HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
logo
Electronic devices inc.
NVD EDI-NVD Datasheet
50Kb / 2P
NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
logo
List of Unclassifed Man...
A11-0405 ETC2-A11-0405 Datasheet
95Kb / 2P
CAPACITOR ARRAYS
logo
Diotec Semiconductor
DA811A DIOTEC-DA811A_11 Datasheet
115Kb / 2P
Rectifier Arrays
DAF811A DIOTEC-DAF811A_11 Datasheet
115Kb / 2P
Rectifier Arrays
logo
Samsung semiconductor
RP164PJ472CS SAMSUNG-RP164PJ472CS Datasheet
168Kb / 4P
Arrays
logo
Exxelia Group
BPMSERIES EXXELIA-BPMSERIES Datasheet
1Mb / 13P
Planar Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com