Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN403 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DAN403
Description  Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DAN403 Datasheet(HTML) 2 Page - Diotec Semiconductor

  DAN403 Datasheet HTML 1Page - Diotec Semiconductor DAN403 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 3 mm from case
Gültig, wenn die Anschlußdrähte in 3 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
361
28.02.2002
DAN 403 (200 mW)
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C
Characteristics
Kennwerte
Forward voltage
T
j = 25
/CI
F = 10 mA
V
F
< 1.0 V
Durchlaßspannung
Leakage current
T
j = 25
/CV
R = 20 V
I
R
< 25 nA
Sperrstrom
Reverse recovery time
I
F = 10 mA through/über
t
rr
< 4 ns
Sperrverzug
I
R = 10 mA to/auf IR = 1 mA
Thermal resistance junction to ambient air
R
thA
< 85 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com