Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS2010ET-R56N Datasheet(PDF) 3 Page - TDK Electronics

Part # VLS2010ET-R56N
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS2010ET-R56N Datasheet(HTML) 3 Page - TDK Electronics

  VLS2010ET-R56N Datasheet HTML 1Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 2Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 3Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 4Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 5Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 6Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 7Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 8Page - TDK Electronics VLS2010ET-R56N Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vls2010e_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Low-profile product.
High magnetic shield construction and compatible with high-density mounting.
APPLICATION
Smart phones, tablet terminals, HDDs, SSDs, DVCs, DSCs, mobile display panels, portable game devices, compact power supply
modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of VLS2010E Type
VLS
2010
E
T
-
R47
N
Series name
L×W×H Dimensions
internal code
Packaging style
Inductance
Inductance
tolerance
(mm)
(μH)
2010
2.0×2.0×1.0
T
Taping
R47
0.47
M
±20%
2R2
2.2
N
±30%
100
10
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
VLS2010E
–40 to +105
–40 to +105
2000
16
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com