Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610HBX-R47M-1 Datasheet(PDF) 7 Page - TDK Electronics

Part # VLS201610HBX-R47M-1
Description  Wound Metal
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS201610HBX-R47M-1 Datasheet(HTML) 7 Page - TDK Electronics

  VLS201610HBX-R47M-1 Datasheet HTML 1Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 2Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 3Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 4Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 5Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 6Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 7Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 8Page - TDK Electronics VLS201610HBX-R47M-1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vls201610hbx-1_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLS201610HBX-1 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
Frequency(MHz)
0.1
1
100
10
2R2M
3R3M
4R7M
6R8M
100M
1R5M
1R0M
R68M
R47M
R33M
R24M
Product No.
Manufacturer
4294A
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com