Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS252010HBX-R33M-1 Datasheet(PDF) 6 Page - TDK Electronics

Part # VLS252010HBX-R33M-1
Description  Wound Metal
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS252010HBX-R33M-1 Datasheet(HTML) 6 Page - TDK Electronics

  VLS252010HBX-R33M-1 Datasheet HTML 1Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 2Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 3Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 4Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 5Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 6Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 7Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 8Page - TDK Electronics VLS252010HBX-R33M-1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vls252010hbx-1_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLS252010HBX-1 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the nominal L value)
Itemp: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
DC resistance
Rated current
Part No.
Isat
Itemp
Isat
Itemp
(μH)
Tolerance
(MHz)
(
: )max.
(
: )typ.
(A)max.
(A)max.
(A)typ.
(A)typ.
0.24
±20%
1
0.029
0.022
6.55
3.91
7.10
4.60
VLS252010HBX-R24M-1
0.33
±20%
1
0.031
0.025
5.03
3.74
5.46
4.40
VLS252010HBX-R33M-1
0.47
±20%
1
0.035
0.029
4.53
3.32
5.25
3.90
VLS252010HBX-R47M-1
0.68
±20%
1
0.048
0.040
3.62
2.98
4.17
3.50
VLS252010HBX-R68M-1
1.0
±20%
1
0.065
0.054
3.22
2.55
3.57
3.00
VLS252010HBX-1R0M-1
1.5
±20%
1
0.094
0.078
2.70
2.02
3.00
2.38
VLS252010HBX-1R5M-1
2.2
±20%
1
0.120
0.100
2.30
1.76
2.60
2.07
VLS252010HBX-2R2M-1
3.3
±20%
1
0.178
0.148
1.60
1.26
1.90
1.48
VLS252010HBX-3R3M-1
4.7
±20%
1
0.250
0.208
1.40
1.09
1.60
1.28
VLS252010HBX-4R7M-1
6.8
±20%
1
0.406
0.338
1.10
0.75
1.25
0.88
VLS252010HBX-6R8M-1
10
±20%
1
0.552
0.460
0.95
0.68
1.13
0.80
VLS252010HBX-100M-1
Measurement item
Product No.
Manufacturer
L
4194A
Keysight Technologies
DC resistance
VP-2941A
Panasonic
Rated current Isat
4285A+42841A+42842C
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com