Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # TLP281
Description  Half Pitch 1.27mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP281 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  TLP281 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 3Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 4Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 5Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 6Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 7Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 8Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 15/11/2013
DC93174
IS3H7
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
COUPLED
Note 1 : Measured with input leads shorted together and output leads shorted together, R.H 40% to 60%
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Current transfer ratio
CTR
IF = 5mA, VCE = 5V
%
IS3H&
50
600
IS3H&A
80
160
IS3H&B
130
260
IS3H&C
200
400
IS3H&D
300
600
IS3H&E
100
200
IS3H&F
150
300
IF = 10mA, VCE = 5V
IS3H&H
40
80
IS3H&I
63
125
IS3H&J
100
200
IS3H&K
160
320
IS3H&GR
100
300
IS3H&GB
100
600
Collector-Emitter
Saturation Voltage
VCE(sat)
IF = 10mA, IC = 1mA
0.1
0.2
V
Input to Output
Isolation Voltage
VISO
See note 1
3750
VRMS
Input to Output
Isolation Resistance
RISO
VIO= 500V
See note 1
5x1010
Ω
Floating Capacitance
Cf
VF = 0V, f = 1MHz
0.3
pF
Output Rise Time
tr
VCE = 2V, Ic = 2mA,
RL = 100Ω
6
18
µs
Output Fall Time
tf
VCE = 2V, Ic = 2mA,
RL = 100Ω
6
18
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com