Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL-01SEUP Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPL-01SEUP
Description  1W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-01SEUP Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPL-01SEUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-01SEUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-01SEUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-01SEUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
70
400
VDC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
9.0
A Pk
230 VAC
15.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
See Model Selection Guide
Standby Power Consumption
0.5
W
Line Regulation
VIN = MIN to MAX
±1.5
%
Load Regulation
IOUT = 5% to 100%
±2.5
%
Ripple & Noise (20 MHz)
50
120
mV P-P
Hold-Up Time
115 VAC
40
msec
230 VAC
180
Temperature Coefficient
±0.15
%/°C
Over Current Protection
110
%IOUT
Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Switching Frequency
60
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions, See Note 3
EN 55022
Class A
Conducted Emissions, See Note 3
EN 55022
Class A
ESD
EN 61000-4-2
B
±4 kV Contact
RS, See Note 4
EN 61000-4-3
A
10V/m
EFT, See Note 5
EN 61000-4-4
B
±2 kV
EN 61000-4-4
B
±4 kV
Surge, See Note 6
EN 61000-4-5
B
±1 kV /±2 kV
CS, See Note 7
EN 61000-4-6
A
10 Vrms
PFM
EN 61000-4-8
A
10 A/m
Voltage Dips
EN 61000-4-11
B
0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
85
%
Physical
Case Size
See Mechanical Drawings (Page 4)
Case Material
Conformal Coating (UL94-V0)
Weight
0.28 Oz (7g)
Solder Temperature
Wave Soldering (5 - 10s)
255
260
265
°C
Manual Soldering (3 - 5s)
350
360
370
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
200
kHours
Safety Standards
Meets EN 60950
Safety Class
IEC 61140 Class II
Open, Single Output,
Ultra-Miniature SIP, 1W
AC/DC Power Supplies
Key Features:
1W Output Power
Open, Ultra-Miniature SIP
Universal 85-264 VAC Input
Meets EN 60950
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>200 kHour MTBF
Low, Low Cost!
MPL-01SEUPSeries
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPL-01SEUP

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
More results

Similar Description - MPL-01SEUP

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
1W POWER pHEMT
logo
ARTSCHIP ELECTRONICS CO...
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
1W OUTPUT AMPLIFIER
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
1W OUTPUT AMPLIFIER
MMBT9015 ARTSCHIP-MMBT9015 Datasheet
1Mb / 4P
1W OUTPUT AMPLIFIER
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
1W Power LED
PM2B-1LXE ELITE-PM2B-1LXE Datasheet
1Mb / 20P
1W Power LED
PM2L-1LXE ELITE-PM2L-1LXE Datasheet
1Mb / 21P
1W Power LED
PP6N-1LXX ELITE-PP6N-1LXX Datasheet
634Kb / 23P
1W Power LED
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
1w Output Switching series Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com