Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF2012DR10JT Datasheet(PDF) 6 Page - TDK Electronics

Part # MLF2012DR10JT
Description  Multilayer Ferrite
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR10JT Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLF2012DR10JT Datasheet HTML 2Page - TDK Electronics MLF2012DR10JT Datasheet HTML 3Page - TDK Electronics MLF2012DR10JT Datasheet HTML 4Page - TDK Electronics MLF2012DR10JT Datasheet HTML 5Page - TDK Electronics MLF2012DR10JT Datasheet HTML 6Page - TDK Electronics MLF2012DR10JT Datasheet HTML 7Page - TDK Electronics MLF2012DR10JT Datasheet HTML 8Page - TDK Electronics MLF2012DR10JT Datasheet HTML 9Page - TDK Electronics MLF2012DR10JT Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
INDUC
T
O
RS
20150310 / inductor_commercial_standard_mlf2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLF2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, J (±5%), K (±10%), or M (±20%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
conditions
Self-resonant
frequency
DC resistance
Rated
current
Thickness Part No.
Frequency
Current
T
(μH)
Tolerance
min. typ.
(MHz)
(mA)
(MHz)
min.
(MHz)
typ.
(
)
max.
( )
typ.
(mA)
max.
(mm)
0.047 ±20%
15
25
50
1.0
550
700
0.10
0.05
300
0.85
MLF2012D47N
△ T000
0.068 ±20%
15
25
50
1.0
500
600
0.15
0.08
300
0.85
MLF2012D68N
△ T000
0.082 ±20%
15
25
50
1.0
450
550
0.15
0.08
300
0.85
MLF2012D82N
△ T000
0.10
±5%±10%±20%
20
30
25
1.0
400
500
0.15
0.10
300
0.85
MLF2012DR10
△ T000
0.12
±5%±10%±20%
20
30
25
1.0
360
450
0.20
0.12
300
0.85
MLF2012DR12
△ T000
0.15
±5%±10%±20%
20
30
25
1.0
320
410
0.20
0.13
300
0.85
MLF2012DR15
△ T000
0.18
±5%±10%±20%
20
30
25
1.0
280
370
0.25
0.15
300
0.85
MLF2012DR18
△ T000
0.22
±5%±10%±20%
20
30
25
1.0
250
330
0.30
0.16
250
0.85
MLF2012DR22
△ T000
0.27
±5%±10%±20%
20
30
25
1.0
220
300
0.35
0.18
250
0.85
MLF2012DR27
△ T000
0.33
±5%±10%±20%
20
30
25
1.0
200
270
0.40
0.23
250
0.85
MLF2012DR33
△ T000
0.39
±5%±10%±20%
25
35
25
1.0
180
250
0.45
0.25
200
0.85
MLF2012DR39
△ T000
0.47
±5%±10%±20%
25
35
25
1.0
160
230
0.50
0.25
200
1.25
MLF2012DR47
△ T000
0.56
±5%±10%±20%
25
35
25
1.0
150
210
0.55
0.30
150
1.25
MLF2012DR56
△ T000
0.68
±5%±10%±20%
25
35
25
1.0
140
190
0.60
0.35
150
1.25
MLF2012DR68
△ T000
0.82
±5%±10%±20%
25
35
25
1.0
130
170
0.65
0.40
150
1.25
MLF2012DR82
△ T000
1.0
±5%±10%±20%
45
55
10
1.0
120
160
0.30
0.15
80
0.85
MLF2012A1R0
△ T000
1.2
±5%±10%±20%
45
55
10
1.0
110
150
0.35
0.15
80
0.85
MLF2012A1R2
△ T000
1.5
±5%±10%±20%
45
60
10
1.0
100
140
0.40
0.18
80
0.85
MLF2012A1R5
△ T000
1.8
±5%±10%±20%
45
60
10
1.0
90
130
0.45
0.20
80
0.85
MLF2012A1R8
△ T000
2.2
±5%±10%±20%
45
60
10
1.0
80
120
0.50
0.22
50
0.85
MLF2012A2R2
△ T000
2.7
±5%±10%±20%
45
70
10
1.0
70
100
0.55
0.25
50
1.25
MLF2012A2R7
△ T000
3.3
±5%±10%±20%
45
70
10
1.0
60
90
0.60
0.28
50
1.25
MLF2012A3R3
△ T000
3.9
±5%±10%±20%
45
70
10
1.0
55
80
0.65
0.30
30
1.25
MLF2012A3R9
△ T000
4.7
±5%±10%±20%
45
70
10
1.0
50
70
0.70
0.35
30
1.25
MLF2012A4R7
△ T000
5.6
±5%±10%±20%
50
75
4
0.1
45
65
0.60
0.30
15
1.25
MLF2012E5R6
△ T000
6.8
±5%±10%±20%
50
75
4
0.1
40
60
0.65
0.32
15
1.25
MLF2012E6R8
△ T000
8.2
±5%±10%±20%
50
75
4
0.1
35
55
0.70
0.35
15
1.25
MLF2012E8R2
△ T000
10
±5%±10%±20%
50
75
2
0.1
30
50
0.80
0.40
15
1.25
MLF2012E100
△ T000
12
±5%±10%±20%
50
75
2
0.1
25
45
0.90
0.50
15
1.25
MLF2012E120
△ T000
15
±10%±20%
30
45
1
0.1
22
40
0.70
0.35
5
1.25
MLF2012C150
△ T000
18
±10%±20%
30
45
1
0.1
20
38
0.80
0.38
5
1.25
MLF2012C180
△ T000
22
±10%±20%
30
45
1
0.1
18
35
0.90
0.45
5
1.25
MLF2012C220
△ T000
27
±10%±20%
30
45
1
0.1
17
33
1.00
0.50
5
1.25
MLF2012C270
△ T000
33
±10%±20%
30
45
0.4
0.1
15
28
1.10
0.55
5
1.25
MLF2012C330
△ T000
39
±10%±20%
35
55
2
0.1
13
23
2.40
1.30
4
1.25
MLF2012K390
△ T000
47
±10%±20%
35
55
2
0.1
11
20
2.70
1.60
4
1.25
MLF2012K470
△ T000
56
±10%±20%
35
55
2
0.1
10
18
2.80
1.80
4
1.25
MLF2012K560
△ T000
68
±10%±20%
25
45
1
0.1
9
16
2.90
2.00
2
1.25
MLF2012C680
△ T000
82
±10%±20%
25
45
1
0.1
8
14
3.00
2.40
2
1.25
MLF2012C820
△ T000
100
±10%±20%
25
45
1
0.1
7
12
3.10
2.50
2
1.25
MLF2012C101
△ T000
Measurement item
Product No.
Manufacturer
L, Q
4294A+16034G
Agilent Technologies
Self-resonant frequency
E4991A
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com