Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF1608DR10MTA00 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLF1608DR10MTA00
Description  Multilayer Ferrite
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608DR10MTA00 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLF1608DR10MTA00 Datasheet HTML 2Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 3Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 4Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 5Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 6Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 7Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 8Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 9Page - TDK Electronics MLF1608DR10MTA00 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
INDUC
T
O
RS
20150105 / inductor_commercial_standard_mlf1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLF1608 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, J (±5%), K (±10%), or M (±20%).
The " □ " of the Part Number contains the internal code (000, A00, or D00), following below.
• In case the inductance tolerance code is J: 000
• In case the inductance tolerance code is M or K (L = 0.047 to 8.2μH or 15 to 22μH): A00
• In case the inductance tolerance code is M or K (L = 10,12,27,33μ): D00
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
conditions
Self-resonant
frequency
DC resistance
Rated
current
Part No.
Frequency
Current
(μH)
Tolerance
min. typ.
(MHz)
(mA)
(MHz)min. (MHz)typ.
(
)max. (
)typ.
(mA)max.
0.047
±20%
10
20
50
1.0
600
900
0.20
0.10
200
MLF1608D47N
△T□□□
0.068
±20%
10
20
50
1.0
550
700
0.30
0.15
200
MLF1608D68N
△T□□□
0.082
±20%
10
20
50
1.0
500
650
0.30
0.15
200
MLF1608D82N
△T□□□
0.10
±5%±10%±20%
15
25
25
1.0
450
600
0.35
0.20
200
MLF1608DR10
△ T □□□
0.12
±5%±10%±20%
15
25
25
1.0
400
550
0.40
0.20
200
MLF1608DR12
△ T □□□
0.15
±5%±10%±20%
15
25
25
1.0
350
500
0.45
0.25
200
MLF1608DR15
△ T □□□
0.18
±5%±10%±20%
15
25
25
1.0
320
450
0.50
0.25
150
MLF1608DR18
△ T □□□
0.22
±5%±10%±20%
15
25
25
1.0
290
400
0.55
0.30
150
MLF1608DR22
△ T □□□
0.27
±5%±10%±20%
15
25
25
1.0
260
350
0.60
0.35
150
MLF1608DR27
△ T □□□
0.33
±5%±10%±20%
15
25
25
1.0
230
320
0.75
0.40
100
MLF1608DR33
△ T □□□
0.39
±5%±10%±20%
15
25
25
1.0
210
290
0.85
0.45
100
MLF1608DR39
△ T □□□
0.47
±5%±10%±20%
15
30
25
1.0
190
260
0.95
0.50
100
MLF1608DR47
△ T □□□
0.56
±5%±10%±20%
15
30
25
1.0
170
230
1.05
0.55
100
MLF1608DR56
△ T □□□
0.68
±5%±10%±20%
15
30
25
1.0
150
210
1.25
0.65
70
MLF1608DR68
△ T □□□
0.82
±5%±10%±20%
15
30
25
1.0
130
190
1.40
0.75
70
MLF1608DR82
△ T □□□
1.0
±5%±10%±20%
35
50
10
1.0
120
170
0.50
0.25
50
MLF1608A1R0
△ T □□□
1.2
±5%±10%±20%
35
50
10
1.0
110
150
0.65
0.25
50
MLF1608A1R2
△ T □□□
1.5
±5%±10%±20%
35
55
10
1.0
100
140
0.70
0.30
50
MLF1608A1R5
△ T □□□
1.8
±5%±10%±20%
35
55
10
1.0
90
130
0.85
0.35
50
MLF1608A1R8
△ T □□□
2.2
±5%±10%±20%
35
55
10
1.0
80
120
1.00
0.45
30
MLF1608A2R2
△ T □□□
2.7
±5%±10%±20%
35
55
10
1.0
70
110
1.15
0.50
30
MLF1608A2R7
△ T □□□
3.3
±5%±10%±20%
35
60
10
1.0
65
100
1.30
0.55
30
MLF1608A3R3
△ T □□□
3.9
±5%±10%±20%
35
60
10
1.0
60
90
1.45
0.65
30
MLF1608A3R9
△ T □□□
4.7
±5%±10%±20%
35
60
10
1.0
55
80
1.60
0.75
30
MLF1608A4R7
△ T □□□
5.6
±5%±10%±20%
35
60
4
0.1
45
70
1.10
0.55
15
MLF1608E5R6
△ T □□□
6.8
±5%±10%±20%
35
60
4
0.1
40
60
1.30
0.65
15
MLF1608E6R8
△ T □□□
8.2
±5%±10%±20%
35
60
4
0.1
35
55
1.50
0.80
10
MLF1608E8R2
△ T □□□
10
±5%±10%±20%
30
55
2
0.1
30
50
1.70
1.00
10
MLF1608E100
△ T □□□
12
±5%±10%±20%
30
55
2
0.1
25
45
1.80
1.20
10
MLF1608E120
△ T □□□
15
±10%±20%
20
40
1
0.1
22
42
1.50
0.80
2
MLF1608C150
△ T □□□
18
±10%±20%
20
40
1
0.1
20
40
1.60
0.85
2
MLF1608C180
△ T □□□
22
±10%±20%
20
40
1
0.1
18
38
1.70
0.90
2
MLF1608C220
△ T □□□
27
±10%±20%
20
40
1
0.1
15
35
1.80
1.20
2
MLF1608C270
△ T □□□
33
±10%±20%
20
40
1
0.1
10
30
2.20
1.40
2
MLF1608C330
△ T □□□
Measurement item
Product No.
Manufacturer
L, Q
4294A+16034G
Agilent Technologies
Self-resonant frequency
E4991A
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com